Part Number Hot Search : 
GBL005 DG509 32R4MW6 AT54S MVL407 TIC216B TLGC191P 2SB1603A
Product Description
Full Text Search
 

To Download UWT1C220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
WT
Chip Type, Wide Temperature Range
series
Chip type operating over wide temperature range of to - 55 ~ +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
WZ
High Temperature
Reflow
WF UT
Low impeadance
WT
Smaller
Long Life
ZT
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 4 ~ 50V 0.1 ~ 1500F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.40
6.3 0.30 4 7 15
10 0.24 6.3 4 8
16 0.20 10 3 8
25 0.16 16 2 4 25 2 4
35 0.14 35 2 3
50 0.14 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C ZT / Z20 (MAX.)
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Within 25% of initial value for capacitors of 3mm unit, and 16V or less. Within 20% of initial value for capacitors of 25V or more. tan 200% or less of initial specified value Leakage current Initial specified value or less
Capacitance change
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Initial specified value or less Leakage current listed at right. Black print on the case top.
Chip Type
Type numbering system (Example : 16V 10F)
Positive C0.2 0.5 MAX. 1 Voltage
fD0.5
(f3 ~ f8 5.4 )
Capacitance 105C Marking Plastic platform 0.3 MAX. B0.2
UWT 1 C 1 0 0 MC L 1 G B
A0.2 A0.2
Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Lot No.
2
L +0.1 0.2 (L0.3) 3 H 3 Apply to f6.3 5.8, f6.3 7.7
Negative
fD code 3 ~ 8 (5.4L) GB 6.3 ~ 10 (L 5.8) GS Package code Size code fD code Configuration 3 2 fD code 4 ~ 10 1 3 ~ 8 (L 7.7) CL 8 ~ 10 (L = 10) NL
A2P 10 16V
Capacitance 105C Marking Trade mark
(f8 10,
f10
10 )
1 Voltage
fD0.5
C0.2
0.5 MAX.
Plastic platform 0.3 MAX. B0.2
E
Positive
fD
L
(mm)
3 5.4 4 5.4 5 5.4 6.3 5.4 6.3 5.8 6.3 7.7 8 5.4 8 10 10 10 1.5 3.3 3.3 0.8 5.4 0.5 ~ 0.8 1.8 4.3 4.3 1.0 5.4 0.5 ~ 0.8 2.1 5.3 5.3 1.3 5.4 0.5 ~ 0.8 2.4 6.6 6.6 2.2 5.4 0.5 ~ 0.8 2.4 6.6 6.6 2.2 5.8 0.5 ~ 0.8 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8 3.3 8.3 8.3 2.3 5.4 0.5 ~ 0.8 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1
A0.2 A0.2
Lot No.
L0.5 Pressure relief vent
H
Negative
1. Voltage mark for 6.3V is 6V . In case of marking for f3 units, OVO for rated voltage is omitted. 2. In case of marking for f3 units. Lot No is expressed by a digit (month code).
A B C E L H
A2P 100 35V
Dimension table in next page.
E
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
WT
Cap. (F)
series
Dimensions
V Code
4 0G
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H 4 x 5.4 (3) 4 x 5.4 (3) 4 x 5.4 (3) 4 x 5.4 (3)
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 4 x 5.4 5 x 5.4 5 x 5.4 22 30 36 60 86 102 (91) 105 210 210 230 310 4 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.8 8 x 5.4 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 22 30 36 60 86 105 210 210 230 310 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 8 x 10 8 x 10 10 x 10 10 x 10 27 35 46 60 86 105 195 210 310 310 4 x 5.4 (3) 18 (14) 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 10 x 10 30 40 50 60 95 105 195 230 310 4 x 5.4 (3) 13 (10) 5 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 5.4 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 23 38 48 91 140 155 190 300 3 x 5.4 3 x 5.4 4 x 5.4 5 x 5.4 6.3 x 5.4 8 x 5.4 6.3 x 7.7 8 x 10 8 x 10 10 x 10 7.5 9 15 25 42 63 84 155 190 300
1.0 2.6 3.2 3.8
4 x 5.4 (3) 6.3 (5.9) 4 x 5.4 (3) 11 (9)
4 x 5.4 5 x 5.4 6.3 x 5.4 8 x 5.4 6.3 x 7.7 8 x 10 10 x 10 10 x 10
14 19 30 51 (45) 60 63 140 180 220
59 (52) 6.3 x 7.7
66 (59) 6.3 x 5.8
101 6.3 x 5.4 151 6.3 x 5.8 221 471 681 102 152 8 x 5.4 8 x 10 8 x 10 8 x 10 10 x 10 331 6.3 x 7.7
102 (91) 6.3 x 7.7
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 105C 120Hz
( ) is also available with 3mm upon request. In such a case, 2 will be put at 12th digit of type numbering system. Size 6.3 x 5.8 is available for capacitors marked. " " In such a case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UX(p.74), UJ(p.76) series if high C/V products are reqired. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UWT1C220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X